|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com CSC0101A Features Dual PS/2 to USB Data Converter Controller Specifications 8-bits Controller Core: 8 bits 65C02 controller 6MHz external ceramic resonator 3MHz internal CPU clock One 8-bits timer / counter Support power saving mode Built in power on reset with watchdog function Memory: 8K byte internal ROM 256 byte internal RAM USB Port: Fully compliant to USB 1.1 specification Conforms to USB HID specification, version 1.1 Supports 1 low speed device address and 3 endpoints Integrated USB transceiver Build in 3.3V regulator 8 bytes FIFO for each endpoint Interface transfer rate: 1.5Mbits/sec Interface legacy PS/2 devices to USB Provides two PS/2 port PS/2 ports support 3 dimensions 3keys wheel mouse and multimedia keyboard function No driver needed Hot pluggable USB Specification 1.1 low-speed compliant PS/2 ports are auto selectable and hot swappable Mice or keyboard can be used in either port without limitation Cost-effective and easy to implement for PS/2 to USB bridge solution SOP-16 package or dice form Introduction The CHESEN CSC0101A is an integral micro-controller for converting PS/2 interface signal to USB applications, which includes 8 bits high performance micro-controller core, combined USB1.1 low-speed interface and dual PS/2 handler module. It is ideal for the legacy system support, PS/2 Port: enabling seamless connections of traditional PS/2 interfaces .com Suitable for legacy PS/2 interface keyboard, mouse, devices of mouse and keyboard to USB. wireless peripheral or bar code reader The CSC0101A is a USB 1.1 low-speed compliant device Compatible with PS/2 protocol that interfaces to PS/2, it support the Human Interface Two PS/2 ports Device (HID) class specification. The CSC0101A handles . Standard PS/2 keyboard with multimedia function the merging of the PS/2 data and sends the data to the host . Standard PS/2 3D/3Keys mouse system via the USB port. Mice or keyboard can be used in either port Miscellaneous: Works with PC Win98 SE, Win Millennium, Win 2000, Win XP Netware4.11, 5.0 HP Unix, Linux, Apple computer MAC OS8.6 or higher and Sun Microsystems DataShee .com Computer Peripheral Product Series DataSheet 4 U .com www..com CSC0101A Applications PS/2 Keyboard/Mouse to USB Dual PS/2 to USB Data Converter Controller PS/2 Barcode Reader to USB Wireless PS/2 Keyboard/Mouse Set to USB t4U.com CSC0101A Functional Block Diagram .com Copyright (c) 2004 CHESEN ELECTRONIC CORP. - All Right Reserved TEL: 886-2-82265589 FAX886-2-82265181 WEBSITE: http://www.chesen.com.tw MAIL: sales@mail.chesen.com.tw SERVICE: service@mail.chesen.com.tw RESOURCE: dcc@mail.chesen.com.tw Contents and specification subject to change without notice. The CHESEN ELECTRONICS CORP. logo is a registered trademark of CHESEN ELECTRONICS CORP. Other brands of products are trademarks or registered trademarks of their respective holders. B_CSC0101A_1.20 .com Computer Peripheral Product Series DataSheet 4 U .com |
Price & Availability of CSC0101A |